Part Number Hot Search : 
SI5010 FA3687V N8253 FQB7N65C PLCC6 20FIB 4051B 1N5937B
Product Description
Full Text Search
 

To Download PB1010G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 W TE
PO WE R SEM IC O ND U C TO RS
PB1000G - PB1010G
10A GLASS PASSIVATED BRIDGE RECTIFIER
Features
! ! ! ! ! ! Glass Passivated Die Construction High Current Capability High Case Dielectric Strength High Surge Current Capability Ideal for Printed Circuit Board Application Plastic Material has Underwriters Laboratory Flammability Classification 94V-O
H J G E ~ E + ~ A
Dim A B C D E KBPC-8 Min Max 18.54 19.56 6.35 7.60 19.00 -- 1.27 O Typical 5.33 7.37 Hole for #6 screw G 3.60 4.00 H 12.20 13.20 J 2.38 x 45C Typical All Dimensions in mm
Mechanical Data
! ! ! ! ! ! ! Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Marked on Body Weight: 5.4 grams (approx.) Mounting Position: Through Hole for #6 Screw Mounting Torque: 5.0 Inch-pounds Maximum Marking: Type Number D C
B A
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
@TA=25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @TA = 45C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage (per element) Peak Reverse Current At Rated DC Blocking Voltage I2t Rating for Fusing (t<8.3ms) (Note 2) Typical Junction Capacitance (Note 3) Typical Thermal Resistance (Note 4) Operating and Storage Temperature Range @IF = 5.0A @TC = 25C @TC = 125C
Symbol VRRM VRWM VR VR(RMS) IO
PB PB PB PB PB PB PB 1000G 1001G 1002G 1004G 1006G 1008G 1010G 50 35 100 70 200 140 400 280 10 600 420 800 560 1000 700
Unit
V V A
IFSM VFM IR I2t Cj RJC Tj, TSTG
180 1.0 5.0 500 160 220 4.30 -55 to +150
A V A A2s pF K/W C
Note: 1. Mounted on 6.0" x 2.2" x 2.2" Al. plate. 2. Non-repetitive, for t > 1ms and < 8.3ms. 3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C. 4. Thermal resistance junction to case per element.
PB1000G - PB1010G
1 of 3
(c) 2002 Won-Top Electronics
IAV, AVERAGE FORWARD OUTPUT CURRENT (A)
10
Resistive or Inductive load
10
8
IF, FORWARD CURRENT (A)
1.0
6
4
0.1
2
Tj = 25C Pulse width = 300s
0 30 60 90 120 TA , AMBIENT TEMPERATURE (C) Fig. 1 Forward Current Derating Curve 150
0.01 0 0.4 0.8 1.6 1.2 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics, per element
240
IF, PEAK FORWARD SURGE CURRENT (A)
TC = 50C
200
Single half sine-wave JEDEC method
IR, INSTANTANEOUS REVERSE CURRENT (A)
10
Tj = 100C
160
1.0
120
80
0.1
40
Tj = 25C
0 1.0 10 NUMBER OF CYCLES AT 60Hz Fig. 3 Peak Forward Surge Current 100
0.01 0 40 80 120 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 4 Typical Reverse Characteristics, per element
PB1000G - PB1010G
2 of 3
(c) 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.
PB1000G PB1001G PB1002G PB1004G PB1006G PB1008G PB1010G
Package Type
Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge
Shipping Quantity
200 Units/Box 200 Units/Box 200 Units/Box 200 Units/Box 200 Units/Box 200 Units/Box 200 Units/Box
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
(c) 2002 Won-Top Electronics
PB1000G - PB1010G
3 of 3


▲Up To Search▲   

 
Price & Availability of PB1010G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X